PART |
Description |
Maker |
1503 1503J 1503-100A 1503-100B 1503-100C 1503-120B |
Max delay 35 ns, Mechanically variable delay line Max delay 250 ns, Mechanically variable delay line Max delay 150 ns, Mechanically variable delay line Max delay 130 ns, Mechanically variable delay line Max delay 80 ns, Mechanically variable delay line Max delay 60 ns, Mechanically variable delay line Max delay 50 ns, Mechanically variable delay line Max delay 40 ns, Mechanically variable delay line Max delay 30 ns, Mechanically variable delay line Max delay 25 ns, Mechanically variable delay line Max delay 20 ns, Mechanically variable delay line Max delay 200 ns, Mechanically variable delay line Max delay 160 ns, Mechanically variable delay line Max delay 15 ns, Mechanically variable delay line Max delay 140 ns, Mechanically variable delay line Max delay 120 ns, Mechanically variable delay line Max delay 100 ns, Mechanically variable delay line Mechanically variable passive delay line
|
Data Delay Devices Inc
|
RTE230 |
Wirewound Rheostat/Potentiometer
|
Vishay
|
556-7105 556-7105-22-00-00 556-7105-08-00-00 556-7 |
Variable Coil, Unshielded, Vertical, .090μH thru 1.05mΗ UNSHIELDED, 5.02 uH - 6.2 uH, VARIABLE INDUCTOR UNSHIELDED, 0.352 uH - 0.431 uH, VARIABLE INDUCTOR UNSHIELDED, 0.09 uH - 0.11 uH, VARIABLE INDUCTOR
|
CAMBION Electronic Components WEARNES CAMBION LTD
|
AD5174 |
Single-Channel, 1024-Position, Digital Rheostat with SPI interface and 50-TP Memory
|
Analog Devices
|
EL5132 EL5132IS-T7 EL5132IS EL5133IW-T7A EL5132IS- |
Rheostat; Series:RLS; Power Rating:150W; Resistance Max:25ohm; Terminal Type:Lugs; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Number of Turns:1; Resistance:25ohm 670MHZ LOW NOISE AMPLIFIERS
|
INTERSIL[Intersil Corporation]
|
TL5000VLJ |
LambdaFLEX iTLA Integrable Tunable Laser Assembly with variable output power LambdaFLEXiTLA Integrable Tunable Laser Assembly with variable output power LambdaFLEX⑩ iTLA Integrable Tunable Laser Assembly with variable output power
|
Bookham, Inc.
|
836EN-0202Z 836EN-0208Z 836EN-0204Z 836EN-0205Z 83 |
Variable Coils for Surface Mounting UNSHIELDED, VARIABLE INDUCTOR, SMD
|
TOKO Inc. TOKO, Inc.
|
F292CNS-T1056Z |
Variable Coils UNSHIELDED, VARIABLE INDUCTOR
|
TOKO, Inc.
|
292CNS-T1047Z |
Variable Coils UNSHIELDED, VARIABLE INDUCTOR
|
TOKO, Inc.
|
F600BNS-8031Z F600GNS-8065Z F600BNS-8032Z F600BNS- |
Variable Coils UNSHIELDED, VARIABLE INDUCTOR
|
TOKO Inc. TOKO, Inc.
|
|